Part Number Hot Search : 
KA3843AM IRDC3894 ST7L05 PQ100 DS0475 E13003 PC11C 2SD1616U
Product Description
Full Text Search
 

To Download MX29LV008CTTI-90G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX29LV008C T/B
8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
FEATURES
* Extended single - supply voltage range 2.7V to 3.6V * 1,048,576 x 8 * Single power supply operation - 3.0V only operation for read, erase and program operation * Fast access time: 55R/70/90ns * Fully compatible with MX29LV008BT/BB device * Low power consumption - 20mA maximum active current - 0.2uA typical standby current * Command register architecture - Byte Programming (7us typical) - Sector Erase (Sector structure 16K-Bytex1, 8K-Bytex2, 32K-Bytex1, and 64K-Byte x15) * Auto Erase (chip & sector) and Auto Program - Automatically erase any combination of sectors with Erase Suspend capability. - Automatically program and verify data at specified address * Erase suspend/Erase Resume - Suspends sector erase operation to read data from, or program data to, any sector that is not being erased, then resumes the erase. * Status Reply - Data# Polling & Toggle bit for detection of program and erase operation completion. * Ready/Busy# pin (RY/BY#) - Provides a hardware method of detecting program or erase operation completion. * Sector protection - Hardware method to disable any combination of sectors from program or erase operations - Temporary sector unprotect allows code changes in previously locked sectors. * 100,000 minimum erase/program cycles * Latch-up protected to 100mA from -1V to VCC+1V * Package type: - 40-pin TSOP * Compatibility with JEDEC standard - Pinout and software compatible with single-power supply Flash * 20 years data retention
GENERAL DESCRIPTION
The MX29LV008C T/B is a 8-mega bit Flash memory organized as 1M bytes of 8 bits. MXIC's Flash memories offer the most cost-effective and reliable read/write non-volatile random access memory. The MX29LV008C T/B is packaged in 40-pin TSOP. It is designed to be reprogrammed and erased in system or in standard EPROM programmers. The standard MX29LV008C T/B offers access time as fast as 55ns, allowing operation of high-speed microprocessors without wait states. To eliminate bus contention, the MX29LV008C T/B has separate chip enable (CE#) and output enable (OE#) controls. MXIC's Flash memories augment EPROM functionality with in-circuit electrical erasure and programming. The MX29LV008C T/B uses a command register to manage this functionality. The command register allows for 100% TTL level control inputs and fixed power supply levels during erase and programming, while maintaining maximum EPROM compatibility. MXIC Flash technology reliably stores memory contents even after 100,000 erase and program cycles. The MXIC cell is designed to optimize the erase and programming mechanisms. In addition, the combination of advanced tunnel oxide processing and low internal electric fields for erase and program operations produces reliable cycling. The MX29LV008C T/B uses a 2.7V~3.6V VCC supply to perform the High Reliability Erase and auto Program/Erase algorithms. The highest degree of latch-up protection is achieved with MXIC's proprietary non-epi process. Latch-up protection is proved for stresses up to 100 milliamps on address and data pin from -1V to VCC + 1V.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
1
MX29LV008C T/B
PIN CONFIGURATIONS
40 TSOP (Standard Type) (10mm x 20mm)
A16 A15 A14 A13 A12 A11 A9 A8 WE# RESET# NC RY/BY# A18 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 A17 GND NC A19 A10 Q7 Q6 Q5 Q4 VCC VCC NC Q3 Q2 Q1 Q0 OE# GND CE# A0
MX29LV008CT/CB
PIN DESCRIPTION
SYMBOL PIN NAME A0~A19 Q0~Q7 CE# WE# RESET# OE# RY/BY# VCC GND Address Input Data Input/Output Chip Enable Input Write Enable Input Hardware Reset Pin Output Enable Input Ready/Busy Output Power Supply Pin (2.7V~3.6V) Ground Pin
P/N:PM1185
REV. 1.0, JUN. 30, 2005
2
MX29LV008C T/B
BLOCK STRUCTURE Table 1: MX29LV008CT SECTOR ARCHITECTURE
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 Sector Size 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 32Kbytes 8Kbytes 8Kbytes 16kbytes Address range 00000h-0FFFFh 10000h-1FFFFh 20000h-2FFFFh 30000h-3FFFFh 40000h-4FFFFh 50000h-5FFFFh 60000h-6FFFFh 70000h-7FFFFh 80000h-8FFFFh 90000h-9FFFFh A0000h-AFFFFh B0000h-BFFFFh C0000h-CFFFFh D0000h-DFFFFh E0000h-EFFFFh F0000h-F7FFFh F8000h-F9FFFh FA000h-FBFFFh FC000h-FFFFFh 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 Sector Address A19 A18 A17 A16 A15 A14 A13 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 1 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 1 1 1 X X X X X X X X X X X X X X X 0 1 1 1 X X X X X X X X X X X X X X X X 0 0 1 X X X X X X X X X X X X X X X X 0 1 X
P/N:PM1185
REV. 1.0, JUN. 30, 2005
3
MX29LV008C T/B
Table 2: MX29LV008CB SECTOR ARCHITECTURE
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 Sector Size 16Kbytes 8Kbytes 8Kbytes 32Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64Kbytes 64kbytes Address range 00000h-03FFFh 04000h-05FFFh 06000h-07FFFh 08000h-0FFFFh 10000h-1FFFFh 20000h-2FFFFh 30000h-3FFFFh 40000h-4FFFFh 50000h-5FFFFh 60000h-6FFFFh 70000h-7FFFFh 80000h-8FFFFh 90000h-9FFFFh A0000h-AFFFFh B0000h-BFFFFh C0000h-CFFFFh D0000h-DFFFFh E0000h-EFFFFh F0000h-FFFFFh 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 Sector Address A19 A18 A17 A16 A15 A14 A13 0 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 0 1 X X X X X X X X X X X X X X X 0 1 1 X X X X X X X X X X X X X X X X X 0 1 X X X X X X X X X X X X X X X X
P/N:PM1185
REV. 1.0, JUN. 30, 2005
4
MX29LV008C T/B
BLOCK DIAGRAM
CE# OE# WE# RESET#
CONTROL INPUT LOGIC
PROGRAM/ERASE HIGH VOLTAGE
WRITE STATE MACHINE (WSM)
STATE REGISTER FLASH ARRAY
ARRAY SOURCE HV
X-DECODER
ADDRESS LATCH
A0-A19
AND BUFFER
Y-PASS GATE
COMMAND DATA DECODER
Y-DECODER
SENSE AMPLIFIER
PGM DATA HV
COMMAND DATA LATCH
PROGRAM DATA LATCH
Q0-Q7
I/O BUFFER
P/N:PM1185
REV. 1.0, JUN. 30, 2005
5
MX29LV008C T/B
AUTOMATIC PROGRAMMING
The MX29LV008C T/B is byte programmable using the Automatic Programming algorithm. The Automatic Programming algorithm makes the external system do not need to have time out sequence nor to verify the data programmed. The typical chip programming time at room temperature of the MX29LV008C T/B is less than 10 seconds. write commands to the command register using standard microprocessor write timings. The device will automatically pre-program and verify the entire array. Then the device automatically times the erase pulse width, provides the erase verification, and counts the number of sequences. A status bit toggling between consecutive read cycles provides feedback to the user as to the status of the erasing operation. Register contents serve as inputs to an internal statemachine which controls the erase and programming circuitry. During write cycles, the command register internally latches address and data needed for the programming and erase operations. During a system write cycle, addresses are latched on the falling edge, and data are latched on the rising edge of WE# or CE#, whichever happens first. MXIC's Flash technology combines years of EPROM experience to produce the highest levels of quality, reliability, and cost effectiveness. The MX29LV008C T/B electrically erases all bits simultaneously using FowlerNordheim tunneling. The bytes are programmed by using the EPROM programming mechanism of hot electron injection. During a program cycle, the state-machine will control the program sequences and command register will not respond to any command set. During a Sector Erase cycle, the command register will only respond to Erase Suspend command. After Erase Suspend is completed, the device stays in read mode. After the state machine has completed its task, it will allow the command register to respond to its full command set.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the user to only write program set-up commands (including 2 unlock write cycle and A0H) and a program command (program data and address). The device automatically times the programming pulse width, provides the program verification, and counts the number of sequences. A status bit similar to Data# Polling and a status bit toggling between consecutive read cycles, provide feedback to the user as to the status of the programming operation. Refer to write operation status, table 7, for more information on these status bits.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10 ms erase pulses according to MXIC's Automatic Chip Erase algorithm. Typical erasure at room temperature is accomplished in less than 25 second. The Automatic Erase algorithm automatically programs the entire array prior to electrical erase. The timing and verification of electrical erase are controlled internally within the device.
AUTOMATIC SELECT AUTOMATIC SECTOR ERASE
The MX29LV008C T/B is sector(s) erasable using MXIC's Auto Sector Erase algorithm. The Automatic Sector Erase algorithm automatically programs the specified sector(s) prior to electrical erase. The timing and verification of electrical erase are controlled internally within the device. An erase operation can erase one sector, multiple sectors, or the entire device. The auto select mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on Q7~Q0. This mode is mainly adapted for programming equipment on the device to be programmed with its programming algorithm. When programming by high voltage method, automatic select mode requires VID (11.5V to 12.5V) on address pin A9 and other address pin A6, A1 and A0 as referring to Table 3. In addition, to access the automatic select codes in-system, the host can issue the automatic select command through the command register without requiring VID, as shown in table4. To verify whether or not sector being protected, the sec-
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
P/N:PM1185
REV. 1.0, JUN. 30, 2005
6
MX29LV008C T/B
tor address must appear on the appropriate highest order address bit (see Table 1 and Table 2). The rest of address bits, as shown in table3, are don't care. Once all necessary bits have been set as required, the programming equipment may read the corresponding identifier code on Q7~Q0.
TABLE 3. MX29LV008C T/B AUTO SELECT MODE OPERATION
A19 A12 Description Manufacturer Code Read Silicon ID Device ID (Top Boot Block) Device ID (Bottom Boot Block) 01H Sector Protection Verification L L H SA X VID X L X H L (protected) 00H (unprotected) L L H X X VID X L X L H 37H CE# OE# WE# L L L L H H | X X | X X A9 VID VID A13 A10 A8 | A7 X X L L A6 A5 | A2 X X L L L H C2H 3EH A1 A0 Q7~Q0
NOTE:SA=Sector Address, X=Don't Care, L=Logic Low, H=Logic High
P/N:PM1185
REV. 1.0, JUN. 30, 2005
7
MX29LV008C T/B
TABLE 4. MX29LV008C T/B COMMAND DEFINITIONS
Command First Bus Bus Cycle Cycle Addr Reset Read Read Silicon Top Boot ID Bottom Boot 1 1 4 4 4 Second Bus Cycle Third Bus Cycle Fourth Bus Cycle Data Fifth Bus Cycle Addr Sixth Bus Cycle Data Addr Data
Data Addr
Data Addr
Data Addr
XXXH F0H RA RD 55H 55H 55H 555H 555H 555H 90H ADI 90H ADI 90H (SA) x02H DDI DDI 00H 01H PD 2AAH 55H 2AAH 55H 555H 10H SA 30H
555H AAH 2AAH 555H AAH 2AAH 555H AAH 2AAH
Sector Protect Verify Program Chip Erase Sector Erase Sector Erase Suspend Sector Erase Resume
4 6 6 1 1
555H AAH 2AAH 555H AAH 2AAH 555H AAH 2AAH XXXH B0H XXXH 30H
55H 55H 55H
555H 555H 555H
A0H PA
80H 555H AAH 80H 555H AAH
Notes : 1. ADI = Address of Device identifier; A1=0, A0 = 0 for manufacturer code,A1=0, A0 = 1 for device code. A2-A18=do not care. (Refer to table 3) DDI = Data of Device identifier : C2H for manufacture code, 3E/37 (Top/Bottom Boot) for device code. X = X can be VIL or VIH RA=Address of memory location to be read. RD=Data to be read at location RA. 2. PA = Address of memory location to be programmed. PD = Data to be programmed at location PA. SA = Address of the sector to be erased. 3. Address A19-A11 are don't cares for unlock and command cycles. 4. For Sector Protect Verify operation: If read out data is 01H, it means the sector has been protected. If read out data is 00H, it means the sector is still not being protected.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
8
MX29LV008C T/B
COMMAND DEFINITIONS
Device operations are selected by writing specific address and data sequences into the command register. Writing incorrect address and data values or writing them in the improper sequence will reset the device to the read mode. Table 4 defines the valid register command sequences. Note that the Erase Suspend (B0H) and Erase Resume (30H) commands are valid only while the Sector Erase operation is in progress.
TABLE 5. MX29LV008C T/B BUS OPERATION
ADDRESS DESCRIPTION CE# OE# WE# RESET# A19 A12 A9 A13 A10 Read Write Reset Temporary Sector Unprotect Output Disable Standby Sector Protect Sector Unprotect Sector Protection Verify L L X X L Vcc0.3V L L L L H X X H X H H L H L X X H X L L H H H L VID H Vcc0.3V VID VID H SA X SA X X X X X VID A8 A7 AIN AIN X AIN X X X X X L H L X X X H H H L L L A6 A5 A2 Dout DIN(3) High Z DIN High Z High Z DIN DIN CODE(5) A1 A0 Q0~Q7
NOTES: 1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 4. 2. VID is the Silicon-ID-Read high voltage, 11.5V to 12.5V. 3. Refer to Table 4 for valid Data-In during a write operation. 4. X can be VIL or VIH. 5. Code=00H means unprotected. Code=01H means protected. 6. A19~A13=Sector address for sector protect. 7. The sector protect and chip unprotect functions may also be implemented via programming equipment.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
9
MX29LV008C T/B
REQUIREMENTS FOR READING ARRAY DATA
To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is the power control and selects the device. OE# is the output control and gates array data to the output pins. WE# should remain at VIH. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid address on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered.
STANDBY MODE
When using both pins of CE# and RESET#, the device enter CMOS Standby with both pins held at Vcc 0.3V. If CE# and RESET# are held at VIH, but not within the range of VCC 0.3V, the device will still be in the standby mode, but the standby current will be larger. During Auto Algorithm operation, Vcc active current (Icc2) is required even CE# = "H" until the operation is completed. The device can be read with standard access time (tCE) from either of these standby modes, before it is ready to read data.
OUTPUT DISABLE
With the OE# input at a logic high level (VIH), output from the devices are disabled. This will cause the output pins to be in a high impedance state.
WRITE COMMANDS/COMMAND SEQUENCES
To program data to the device or erase sectors of memory , the system must drive WE# and CE# to VIL, and OE# to VIH. An erase operation can erase one sector, multiple sectors , or the entire device. Table indicates the address space that each sector occupies. A "sector address" consists of the address bits required to uniquely select a sector. The "Writing specific address and data commands or sequences into the command register initiates device operations. Table 1 defines the valid register command sequences. Writing incorrect address and data values or writing them in the improper sequence resets the device to reading array data. Section has details on erasing a sector or the entire chip, or suspending/resuming the erase operation. After the system writes the autoselect command sequence, the device enters the autoselect mode. The system can then read autoselect codes from the internal register (which is separate from the memory array) on Q7-Q0. Standard read cycle timings apply in this mode. Refer to the Autoselect Mode and Autoselect Command Sequence section for more information. ICC2 in the DC Characteristics table represents the active current specification for the write mode. The "AC Characteristics" section contains timing specification table and timing diagrams for write operations.
RESET# OPERATION
The RESET# pin provides a hardware method of resetting the device to reading array data. When the RESET# pin is driven low for at least a period of tRP, the device immediately terminates any operation in progress, tristates all output pins, and ignores all read/write commands for the duration of the RESET# pulse. The device also resets the internal state machine to reading array data. The operation that was interrupted should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity Current is reduced for the duration of the RESET# pulse. When RESET# is held at VSS0.3V, the device draws CMOS standby current (ICC4). If RESET# is held at VIL but not within VSS0.3V, the standby current will be greater. The RESET# pin may be tied to system reset circuitry. A system reset would that also reset the Flash memory, enabling the system to read the boot-up firm-ware from the Flash memory. If RESET# is asserted during a program or erase operation, the RY/BY# pin remains a "0" (busy) until the internal reset operation is complete, which requires a time of tREADY (during Embedded Algorithms). The system can thus monitor RY/BY# to determine whether the reset operation is complete. If RESET# is asserted when a program or erase operation is completed within a
REV. 1.0, JUN. 30, 2005
P/N:PM1185
10
MX29LV008C T/B
time of tREADY (not during Embedded Algorithms). The system can read data tRH after the RESET# pin returns to VIH. Refer to the AC Characteristics tables for RESET# parameters and to Figure 20 for the timing diagram. The Automatic Chip Erase does not require the device to be entirely pre-programmed prior to executing the Automatic Chip Erase. Upon executing the Automatic Chip Erase, the device will automatically program and verify the entire memory for an all-zero data pattern. When the device is automatically verified to contain an all-zero pattern, a self-timed chip erase and verify begin. The erase and verify operations are completed when the data on Q7 is "1" at which time the device returns to the Read mode. The system is not required to provide any control or timing during these operations. When using the Automatic Chip Erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verification command is required). If the Erase operation was unsuccessful, the data on Q5 is "1"(see Table 7), indicating the erase operation exceed internal timing limit. The automatic erase begins on the rising edge of the last WE# or CE# pulse, whichever happens first in the command sequence and terminates when the data on Q7 is "1" and the data on Q6 stops toggling for two consecutive read cycles, at which time the device returns to the Read mode.
READ/RESET COMMAND
The read or reset operation is initiated by writing the read/ reset command sequence into the command register. Microprocessor read cycles retrieve array data. The device remains enabled for reads until the command register contents are altered. If program-fail or erase-fail happen, the write of F0H will reset the device to abort the operation. A valid command must then be written to place the device in the desired state.
SILICON-ID READ COMMAND
Flash memories are intended for use in applications where the local CPU alters memory contents. As such, manufacturer and device codes must be accessible while the device resides in the target system. PROM programmers typically access signature codes by raising A9 to a high voltage (VID). However, multiplexing high voltage onto address lines is not generally desired system design practice. The MX29LV008C T/B contains a Silicon-ID-Read operation to supple traditional PROM programming methodology. The operation is initiated by writing the read silicon ID command sequence into the command register. Following the command write, a read cycle with A1=VIL, A0=VIL retrieves the manufacturer code of C2H. A read cycle with A1=VIL, A0=VIH returns the device code of 3EH for MX29LV008CT, 37H for MX29LV008CB.
SET-UP AUTOMATIC CHIP/SECTOR ERASE COMMANDS
Chip erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the "set-up" command 80H. Two more "unlock" write cycles are then followed by the chip erase command 10H or sector erase command 30H.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
11
MX29LV008C T/B
TABLE 6. SILICON ID CODE
Pins Manufacture code Device code for MX29LV008CT Device code for MX29LV008CB Sector Protection Verification A0 VIL VIH VIH X X A1 VIL VIL VIL VIH VIH Q7 1 0 0 0 0 Q6 1 0 0 0 0 Q5 0 1 1 0 0 Q4 0 1 1 0 0 Q3 0 1 0 0 0 Q2 0 1 1 0 0 Q1 1 1 1 0 0 Q0 0 0 1 1 0 Code(Hex) C2H 3EH 37H 01H (Protected) 00H (Unprotected)
READING ARRAY DATA
The device is automatically set to reading array data after device power-up. No commands are required to retrieve data. The device is also ready to read array data after completing an Automatic Program or Automatic Erase algorithm. After the device accepts an Erase Suspend command, the device enters the Erase Suspend mode. The system can read array data using the standard read timings, except that if it reads at an address within erasesuspended sectors, the device outputs status data. After completing a programming operation in the Erase Suspend mode, the system may once again read array data with the same exception. See erase Suspend/Erase Resume Commands for more infor-mation on this mode. The system must issue the reset command to re-enable the device for reading array data if Q5 goes high, or while in the autoselect mode. See the "Reset Command" section, next.
RESET COMMAND
Writing the reset command to the device resets the device to reading array data. Address bits are don't care for this command. The reset command may be written between the sequence cycles in an erase command sequence before erasing begins. This resets the device to reading array data. Once erasure begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in a program command sequence be-fore programming begins. This resets the device to reading array data (also applies to programming in Erase Suspend mode). Once programming begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in an SILICON ID READ command sequence. Once in the SILICON ID READ mode, the reset command must be written to return to reading array data (also applies to SILICON ID READ during Erase Suspend). If Q5 goes high during a program or erase operation, writing the reset command returns the device to read-ing array data (also applies during Erase Suspend).
P/N:PM1185
REV. 1.0, JUN. 30, 2005
12
MX29LV008C T/B
SECTOR ERASE COMMANDS
The Automatic Sector Erase does not require the device to be entirely pre-programmed prior to executing the Automatic Sector Erase Set-up command and Automatic Sector Erase command. Upon executing the Automatic Sector Erase command, the device will automatically program and verify the sector(s) memory for an all-zero data pattern. The system is not required to provide any control or timing during these operations. When the sector(s) is automatically verified to contain an all-zero pattern, a self-timed sector erase and verify begin. The erase and verify operations are complete when the data on Q7 is "1" and the data on Q6 stops toggling for two consecutive read cycles, at which time the device returns to the Read mode. The system is not required to provide any control or timing during these operations. When using the Automatic sector Erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verification command is required). Sector erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the set-up command 80H. Two more "unlock" write cycles are then followed by the sector erase command 30H. The sector address is latched on the falling edge of WE# or CE#, whichever happens later, while the command (data) is latched on the rising edge of WE# or CE#, whichever happens first. Sector addresses selected are loaded into internal register on the sixth falling edge of WE# or CE#, whichever happens later. Each successive sector load cycle started by the falling edge of WE# or CE#, whichever happens later must begin within 50us from the rising edge of the preceding WE# or CE#, whichever happens first. Otherwise, the loading period ends and internal auto sector erase cycle starts. (Monitor Q3 to determine if the sector erase timer window is still open, see section Q3, Sector Erase Timer.) Any command other than Sector Erase(30H) or Erase Suspend(B0H) during the time-out period resets the device to read mode. device requires a maximum 20us to suspend the sector erase operation. However, when the Erase Suspend command is written during the sector erase time-out, the device immediately terminates the time-out period and suspends the erase operation. After this command has been executed, the command register will initiate erase suspend mode. The state machine will return to read mode automatically after suspend is ready. At this time, state machine only allows the command register to respond to Erase Resume, program data to , or read data from any sector not selected for erasure. The system can determine the status of the program operation using the Q7 or Q6 status bits, just as in the standard program operation. After an erase-suspend program operation is complete, the system can once again read array data within non-suspended sectors.
ERASE RESUME
This command will cause the command register to clear the suspend state and return back to Sector Erase mode but only if an Erase Suspend command was previously issued. Erase Resume will not have any effect in all other conditions. Another Erase Suspend command can be written after the chip has resumed erasing. However, a 10ms time delay must be required after the erase resume command, if the system implements an endless erase suspend/resume loop, or the number of erase suspend/resume is exceeded 1024 times. The erase times will be expended if the erase behavior always be suspended. (Please refer to MXIC Flash Application Note for details.)
WORD/BYTE PROGRAM COMMAND SEQUENCE
The device programs one byte of data for each program operation. The command sequence requires four bus cycles, and is initiated by writing two unlock write cycles, followed by the program set-up command. The program address and data are written next, which in turn initiate the Embedded Program algorithm. The system is not required to provide further controls or timings. The device automatically generates the program pulses and verifies the programmed cell margin. Table 1 shows the address and data requirements for the byte program command sequence. When the Embedded Program algorithm is complete, the device then returns to reading array data and addresses are no longer latched. The system can
REV. 1.0, JUN. 30, 2005
ERASE SUSPEND
This command only has meaning while the state machine is executing Automatic Sector Erase operation, and therefore will only be responded during Automatic Sector Erase operation. When the Erase Suspend Command is issued during the sector erase operation, the
P/N:PM1185
13
MX29LV008C T/B
determine the status of the program operation by using Q7, Q6, or RY/BY#. See "Write Operation Status" for information on these status bits. Any commands written to the device during the Embedded Program Algorithm are ignored. Note that a hardware reset immediately terminates the programming operation. The Byte Program command sequence should be reinitiated once the device has reset to reading array data, to ensure data integrity. Programming is allowed in any sequence and across sector boundaries. A bit cannot be programmed from a "0" back to a "1". Attempting to do so may halt the operation and set Q5 to "1", or cause the Data# Polling algorithm to indicate the operation was successful. However, a succeeding read will show that the data is still "0". Only erase operations can convert a "0" to a "1".
rithm is complete, or if the device enters the Erase Suspend mode, Data# Polling produces a "1" on Q7. This is analogous to the complement/true datum out-put described for the Automatic Program algorithm: the erase function changes all the bits in a sector to "1" prior to this, the device outputs the "complement," or "0". The system must provide an address within any of the sectors selected for erasure to read valid status information on Q7. After an erase command sequence is written, if all sectors selected for erasing are protected, Data# Polling on Q7 is active for approximately 100 us, then the device returns to reading array data. If not all selected sectors are protected, the Automatic Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. When the system detects Q7 has changed from the complement to true data, it can read valid data at Q7-Q0 on the following read cycles. This is because Q7 may change asynchronously with Q0-Q6 while Output Enable (OE#) is asserted low.
WRITE OPERATION STATUS
The device provides several bits to determine the status of a write operation: Q2, Q3, Q5, Q6, Q7, and RY/ BY#. Table 10 and the following subsections describe the functions of these bits. Q7, RY/BY#, and DQ6 each offer a method for determining whether a program or erase operation is complete or in progress. These three bits are discussed first.
RY/BY#:Ready/Busy
The RY/BY# is a dedicated, open-drain output pin that indicates whether an Automatic Erase/Program algorithm is in progress or complete. The RY/BY# status is valid after the rising edge of the final WE# or CE#, whichever happens first, in the command sequence. Since RY/BY# is an open-drain output, several RY/BY# pins can be tied together in parallel with a pull-up resistor to Vcc. If the output is low (Busy), the device is actively erasing or programming. (This includes programming in the Erase Suspend mode.) If the output is high (Ready), the device is ready to read array data (including during the Erase Suspend mode), or is in the standby mode. Table 7 shows the outputs for RY/BY# during write operation.
Q7: Data# Polling
The Data# Polling bit, Q7, indicates to the host sys-tem whether an Automatic Algorithm is in progress or completed, or whether the device is in Erase Suspend. Data# Polling is valid after the rising edge of the final WE# pulse in the program or erase command sequence. During the Automatic Program algorithm, the device outputs on Q7 the complement of the datum programmed to Q7. This Q7 status also applies to programming during Erase Suspend. When the Automatic Program algorithm is complete, the device outputs the datum programmed to Q7. The system must provide the program address to read valid status information on Q7. If a program address falls within a protected sector, Data# Polling on Q7 is active for approximately 1 us, then the device returns to reading array data. During the Automatic Erase algorithm, Data# Polling produces a "0" on Q7. When the Automatic Erase algoP/N:PM1185
Q6:Toggle BIT I
Toggle Bit I on Q6 indicates whether an Automatic Program or Erase algorithm is in progress or complete, or whether the device has entered the Erase Suspend mode. Toggle Bit I may be read at any address, and is valid after the rising edge of the final WE# or CE#, whichever
REV. 1.0, JUN. 30, 2005
14
MX29LV008C T/B
happens first, in the command sequence (prior to the program or erase operation), and during the sector timeout. During an Automatic Program or Erase algorithm operation, successive read cycles to any address cause Q6 to toggle. The system may use either OE# or CE# to control the read cycles. When the operation is complete, Q6 stops toggling. After an erase command sequence is written, if all sectors selected for erasing are protected, Q6 toggles and returns to reading array data. If not all selected sectors are protected, the Automatic Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. The system can use Q6 and Q2 together to determine whether a sector is actively erasing or is erase suspended. When the device is actively erasing (that is, the Automatic Erase algorithm is in progress), Q6 toggling. When the device enters the Erase Suspend mode, Q6 stops toggling. However, the system must also use Q2 to determine which sectors are erasing or erase-suspended. Alternatively, the system can use Q7. If a program address falls within a protected sector, Q6 toggles for approximately 2 us after the program command sequence is written, then returns to reading array data. Q6 also toggles during the erase-suspend-program mode, and stops toggling once the Automatic Program algorithm is complete. Table 7 shows the outputs for Toggle Bit I on Q6. parison, indicates whether the device is actively erasing, or is in Erase Suspend, but cannot distinguish which sectors are selected for erasure. Thus, both status bits are required for sectors and mode information. Refer to Table 7 to compare outputs for Q2 and Q6.
Reading Toggle Bits Q6/ Q2
Whenever the system initially begins reading toggle bit status, it must read Q7-Q0 at least twice in a row to determine whether a toggle bit is toggling. Typically, the system would note and store the value of the toggle bit after the first read. After the second read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not toggling, the device has completed the program or erase operation. The system can read array data on Q7-Q0 on the following read cycle. However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the system also should note whether the value of Q5 is high (see the section on Q5). If it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as Q5 went high. If the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. If it is still toggling, the device did not complete the operation successfully, and the system must write the reset command to return to reading array data. The remaining scenario is that system initially determines that the toggle bit is toggling and Q5 has not gone high. The system may continue to monitor the toggle bit and Q5 through successive read cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to perform other system tasks. In this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation.
Q2:Toggle Bit II
The "Toggle Bit II" on Q2, when used with Q6, indicates whether a particular sector is actively erasing (that is, the Automatic Erase algorithm is in process), or whether that sector is erase-suspended. Toggle Bit II is valid after the rising edge of the final WE# or CE#, whichever happens first, in the command sequence. Q2 toggles when the system reads at addresses within those sectors that have been selected for erasure. (The system may use either OE# or CE# to control the read cycles.) But Q2 cannot distinguish whether the sector is actively erasing or is erase-suspended. Q6, by comP/N:PM1185
Q5 Exceeded Timing Limits
Q5 will indicate if the program or erase time has exceeded the specified limits (internal pulse count). Under these conditions Q5 will produce a "1". This time-out condition indicates that the program or erase cycle was not successfully completed. Data# Polling and Toggle Bit are the only operating functions of the device under this condition.
REV. 1.0, JUN. 30, 2005
15
MX29LV008C T/B
If this time-out condition occurs during sector erase operation, it specifies that a particular sector is bad and it may not be reused. However, other sectors are still functional and may be used for the program or erase operation. The device must be reset to use other sectors. Write the Reset command sequence to the device, and then execute program or erase command sequence. This allows the system to continue to use the other active sectors in the device. If this time-out condition occurs during the chip erase operation, it specifies that the entire chip is bad or combination of sectors are bad. If this time-out condition occurs during the byte programming operation, it specifies that the entire sector containing that byte is bad and this sector maynot be reused, (other sectors are still functional and can be reused). The time-out condition will not appear if a user tries to program a non blank location without erasing. Please note that this is not a device failure condition since the device was incorrectly used.
Table 7. WRITE OPERATION STATUS
Status Byte Program in Auto Program Algorithm Auto Erase Algorithm Erase Suspend Read (Erase Suspended Sector) In Progress Erase Suspended Mode Erase Suspend Read (Non-Erase Suspended Sector) Erase Suspend Program Byte Program in Auto Program Algorithm Exceeded Time Limits Auto Erase Algorithm Erase Suspend Program Data Q7# Q7# 0 Q7# Data Toggle Toggle Toggle Toggle Data Data Data 0 1 1 1 N/A N/A 1 N/A N/A No Toggle Toggle N/A 1 0 0 0 0 Q7 (Note1) Q7# 0 1 Q6 Toggle Toggle No Toggle Q5 Q3 (Note2) 0 0 0 N/A 1 Q2 RY/BY# No Toggle Toggle 0 0 1
N/A Toggle
Note:
1. Q7 and Q2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 2. Q5 switches to '1' when an Auto Program or Auto Erase operation has exceeded the maximum timing limits. See "Q5:Exceeded Timing Limits " for more information.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
16
MX29LV008C T/B
Q3 Sector Erase Timer
After the completion of the initial sector erase command sequence, the sector erase time-out will begin. Q3 will remain low until the time-out is complete. Data# Polling and Toggle Bit are valid after the initial sector erase command sequence. If Data# Polling or the Toggle Bit indicates the device has been written with a valid erase command, Q3 may be used to determine if the sector erase timer window is still open. If Q3 is high ("1") the internally controlled erase cycle has begun; attempts to write subsequent commands to the device will be ignored until the erase operation is completed as indicated by Data# Polling or Toggle Bit. If Q3 is low ("0"), the device will accept additional sector erase commands. To insure the command has been accepted, the system software should check the status of Q3 prior to and following each subsequent sector erase command. If Q3 were high on the second status check, the command may not have been accepted.
POWER SUPPLY DECOUPLING
In order to reduce power switching effect, each device should have a 0.1uF ceramic capacitor connected between its VCC and GND.
POWER-UP SEQUENCE
The MX29LV008C T/B powers up in the Read only mode. In addition, the memory contents may only be altered after successful completion of the predefined command sequences.
TEMPORARY SECTOR UNPROTECT
This feature allows temporary unprotection of previously protected sector to change data in-system. The Temporary Sector Unprotect mode is activated by setting the RESET# pin to VID(11.5V-12.5V). During this mode, formerly protected sectors can be programmed or erased as un-protected sector. Once VID is remove from the RESET# pin, all the previously protected sectors are protected again.
DATA PROTECTION
The MX29LV008C T/B is designed to offer protection against accidental erasure or programming caused by spurious system level signals that may exist during power transition. During power up the device automatically resets the state machine in the Read mode. In addition, with its control register architecture, alteration of the memory contents only occurs after successful completion of specific command sequences. The device also incorporates several features to prevent inadvertent write cycles resulting from VCC power-up and power-down transition or system noise.
SECTOR PROTECTION
The MX29LV008C T/B features hardware sector protection. This feature will disable both program and erase operations for these sectors protected. To activate this mode, the programming equipment must force VID on address pin A9 and OE# (suggest VID = 12V). Programming of the protection circuitry begins on the falling edge of the WE# pulse and is terminated on the rising edge. Please refer to sector protect algorithm and waveform. To verify programming of the protection circuitry, the programming equipment must force VID on address pin A9 ( with CE# and OE# at VIL and WE# at VIH). When A1=VIH, A0=VIL, A6=VIL, it will produce a logical "1" code at device output Q0 for a protected sector. Otherwise the device will produce 00H for the unprotected sector. In this mode, the addresses, except for A1, are don't care. Address locations with A1 = VIL are reserved to read manufacturer and device codes.(Read Silicon ID) It is also possible to determine if the sector is protected in the system by writing a Read Silicon ID command. Performing a read operation with A1=VIH, it will produce a logical "1" at Q0 for the protected sector.
REV. 1.0, JUN. 30, 2005
WRITE PULSE "GLITCH" PROTECTION
Noise pulses of less than 5ns(typical) on CE# or WE# will not initiate a write cycle.
LOGICAL INHIBIT
Writing is inhibited by holding any one of OE# = VIL, CE# = VIH or WE# = VIH. To initiate a write cycle CE# and WE# must be a logical zero while OE# is a logical one.
P/N:PM1185
17
MX29LV008C T/B
CHIP UNPROTECT
The MX29LV008C T/B also features the chip unprotect mode, so that all sectors are unprotected after chip unprotect is completed to incorporate any changes in the code. It is recommended to protect all sectors before activating chip unprotect mode. To activate this mode, the programming equipment must force VID on control pin OE# and address pin A9. The CE# pins must be set at VIL. Pins A6 must be set to VIH. Refer to chip unprotect algorithm and waveform for the chip unprotect algorithm. The unprotection mechanism begins on the falling edge of the WE# pulse and is terminated on the rising edge. It is also possible to determine if the chip is unprotected in the system by writing the Read Silicon ID command. Performing a read operation with A1=VIH, it will produce 00H at data outputs(Q0-Q7) for an unprotected sector. It is noted that all sectors are unprotected after the chip unprotect algorithm is completed.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
18
MX29LV008C T/B
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Plastic Packages . . . . . . . . . . . . . ..... -65oC to +150oC Ambient Temperature with Power Applied. . . . . . . . . . . . . .... -65oC to +125oC Voltage with Respect to Ground VCC (Note 1) . . . . . . . . . . . . . . . . . -0.5 V to +4.0 V A9, OE#, and RESET# (Note 2) . . . . . . . . . . . ....-0.5 V to +12.5 V All other pins (Note 1) . . . . . . . -0.5 V to VCC +0.5 V Output Short Circuit Current (Note 3) . . . . . . 200 mA Notes: 1. Minimum DC voltage on input or I/O pins is -0.5 V. During voltage transitions, input or I/O pins may overshoot VSS to -2.0 V for periods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCC +0.5 V. During voltage transitions, input or I/O pins may overshoot to VCC +2.0 V for periods up to 20 ns. 2. Minimum DC input voltage on pins A9, OE#, and RESET# is -0.5 V. During voltage transitions, A9, OE#, and RESET# may overshoot VSS to -2.0 V for periods of up to 20 ns. Maximum DC input voltage on pin A9 is +12.5 V which may overshoot to 14.0 V for periods up to 20 ns. 3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
OPERATING RATINGS
Commercial (C) Devices Ambient Temperature (TA ). . . . . . . . . . . . 0 C to +70 C Industrial (I) Devices Ambient Temperature (TA ). . . . . . . . . . -40 C to +85 C VCC Supply Voltages VCC for full voltage range. . . . . . . . . . . +2.7 V to 3.6 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
19
MX29LV008C T/B
CAPACITANCE TA = 25oC, f = 1.0 MHz
SYMBOL CIN1 CIN2 COUT PARAMETER Input Capacitance Control Pin Capacitance Output Capacitance MIN. TYP MAX. 8 12 12 UNIT pF pF pF CONDITIONS VIN = 0V VIN = 0V VOUT = 0V
Table 8. DC CHARACTERISTICS TA = -40oC to 85oC, VCC = 2.7V ~ 3.6V
Symbol ILI ILIT ILO ICC1 PARAMETER Input Leakage Current A9 Input Leakage Current Output Leakage Current VCC Active Read Current 7 2 ICC2 ICC3 ICC4 VCC Active write Current VCC Standby Current VCC Standby Current During Reset ICC5 VIL VIH VID Automatic sleep mode Input Low Voltage (Note 1) Input High Voltage Voltage for Automative Select and Temporary Sector Unprotect VOL VOH1 VOH2 Output Low Voltage Output High Voltage(TTL) Output High Voltage (CMOS) 0.85xVCC VCC-0.4 0.45 V IOL = 4.0mA, VCC= VCC min IOH = -2mA, VCC=VCC min IOH = -100uA, VCC min 11.5 12.5 V VCC=3.3V -0.5 0.7xVCC 0.2 5 0.8 VCC+ 0.3 uA V V VIH=VCC 0.3V ; VIL=VSS 0.3V 15 0.2 0.2 MIN. TYP MAX. 1 35 1 12 4 30 5 5 UNIT uA uA uA mA mA mA uA uA CE#=VIL, OE#=VIH CE#; RESET#=VCC 0.3V RESET#=VSS 0.3V CONDITIONS VIN = VSS to VCC VCC=VCC max; A9=12.5V VOUT = VSS to VCC, VCC=VCC max CE#=VIL, OE#=VIH @5MHz @1MHz
NOTES: 1. VIL min. = -1.0V for pulse width is equal to or less than 50 ns. VIL min. = -2.0V for pulse width is equal to or less than 20 ns. 2. VIH max. = VCC + 1.5V for pulse width is equal to or less than 20 ns If VIH is over the specified maximum value, read operation cannot be guaranteed. 3. Automatic sleep mode enable the low power mode when addresses remain stable for tACC +30ns.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
20
MX29LV008C T/B
AC CHARACTERISTICS TA = -40oC to 85oC, VCC = 2.7V~3.6V Table 9. READ OPERATIONS
29LV008C-55R 29LV008C-70 SYMBOL PARAMETER tRC tACC tCE tOE tDF tOEH Read Cycle Time (Note 1) Address to Output Delay CE# to Output Delay OE# to Output Delay OE# High to Output Float (Note1) Output Enable Read Hold Time Toggle and Data# Polling tOH Address to Output hold 0 0 0 ns CE#=OE#=VIL 0 0 10 MIN. 55 55 55 30 25 0 0 10 MAX. MIN. 70 70 70 30 25 0 0 10 MAX. 29LV008C-90 MIN. 90 90 90 35 30 MAX. UNIT ns ns ns ns ns ns ns CE#=OE#=VIL OE#=VIL CE#=VIL CE#=VIL CONDITIONS
TEST CONDITIONS:
* Input pulse levels: 0V/3.0V. * Input rise and fall times is equal to or less than 5ns. * Output load: 1 TTL gate + 100pF (Including scope and jig), for 29LV008C T/B-90. 1 TTL gate + 30pF (Including scope and jig) for 29LV008C T/B-70. * Reference levels for measuring timing: 1.5V.
NOTES :
1. Not 100% tested. 2. tDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
21
MX29LV008C T/B
SWITCHING TEST CIRCUITS
DEVICE UNDER TEST
2.7K ohm +3.3V
CL
6.2K ohm
DIODES=IN3064 OR EQUIVALENT
CL=100pF Including jig capacitance (30pF for MX29LV008CT/CB-70).
SWITCHING TEST WAVEFORMS
3.0V INPUT 0V 1.5V TEST POINTS 1.5V
OUTPUT
AC TESTING: Inputs are driven at 3.0V for a logic "1" and 0V for a logic "0". Input pulse rise and fall times are < 5ns.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
22
MX29LV008C T/B
Figure 1. READ TIMING WAVEFORMS
tRC VIH
Addresses
VIL
ADD Valid
tACC tCE
CE#
VIH VIL
WE#
VIH VIL tOEH VIH
tOE
tDF
OE#
VIL tACC tOH
Outputs
VOH VOL
HIGH Z
DATA Valid
HIGH Z
VIH
RESET#
VIL
P/N:PM1185
REV. 1.0, JUN. 30, 2005
23
MX29LV008C T/B
AC CHARACTERISTICS TA = -40oC to 85oC, VCC = 2.7V~3.6V Table 10. Erase/Program Operations
29LV008C-55R SYMBOL PARAMETER tWC tAS tAH tDS tDH tOES tGHWL tCS tCH tWP tWPH tWHWH1 tWHWH2 tVCS tRB tBUSY tBAL Write Cycle Time (Note 1) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write (OE# High to WE# Low) CE# Setup Time CE# Hold Time Write Pulse Width Write Pulse Width High Programming Operation (Note 2) Sector Erase Operation (Note 2) VCC Setup Time (Note 1) Recovery Time from RY/BY# Program/Erase Vaild to RY/BY# Delay Sector Address Load Time 0 0 35 30 9 (TYP.) 0.7(TYP.) 50 0 90 50 0 0 35 30 9 (TYP.) 0.7(TYP.) 50 0 90 50 0 0 35 30 9 (TYP.) 0.7(TYP.) 50 0 90 50 ns ns ns ns us sec us ns ns us MIN. 55 0 45 35 0 0 0 MAX. 29LV008C-70 MIN. 70 0 45 35 0 0 0 29LV008C-90 MAX.UNIT ns ns ns ns ns ns ns 90 0 45 45 0 0 0
MAX. MIN.
NOTES: 1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
24
MX29LV008C T/B
AC CHARACTERISTICS TA = -40oC to 85oC, VCC = 2.7V~3.6V Table 11. Alternate CE# Controlled Erase/Program Operations
29LV008C-55R SYMBOL tWC tAS tAH tDS tDH tOES tGHEL tWS tWH tCP tCPH tWHWH1 tWHWH2
NOTE:
29LV008C-70 MIN. 70 0 45 35 0 0 0 0 0 35 30 9(Typ.) 0.7(Typ.) MAX.
29LV008C-90 MIN. 70 0 45 45 0 0 0 0 0 35 30 9(Typ.) 0.7(Typ.) MAX. UNIT ns ns ns ns ns ns ns ns ns ns ns us sec
PARAMETER Write Cycle Time (Note 1) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write WE# Setup Time WE# Hold Time CE# Pulse Width CE# Pulse Width High Programming Operation(note2) Sector Erase Operation (note2)
MIN. 55 0 45 35 0 0 0 0 0 35 30 9(Typ.) 0.7(Typ.)
MAX.
1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
25
MX29LV008C T/B
Figure 2. COMMAND WRITE TIMING WAVEFORM
VCC
3V
Addresses
VIH
ADD Valid
VIL tAS tAH
WE#
VIH VIL tOES tWPH tCWC
tWP
CE#
VIH VIL tCS tCH
OE#
VIH VIL VIH tDS tDH
Data
VIL
DIN
P/N:PM1185
REV. 1.0, JUN. 30, 2005
26
MX29LV008C T/B
AUTOMATIC PROGRAMMING TIMING WAVEFORM
One byte data is programmed. Verify in fast algorithm and additional verification by external control are not required because these operations are executed automatically by internal control circuit. Programming completion can be verified by Data# Polling and toggle bit checking after automatic programming starts. Device outputs DATA# during programming and DATA# after programming on Q7.(Q6 is for toggle bit; see toggle bit, Data# Polling, timing waveform)
Figure 3. AUTOMATIC PROGRAMMING TIMING WAVEFORM
Program Command Sequence(last two cycle)
tWC tAS
Read Status Data (last two cycle)
Address
555h
PA
tAH
PA
PA
CE#
tCH tGHWL
OE#
tWP
tWHWH1
WE#
tCS tDS tDH
tWPH
A0h Data
PD
Status
DOUT
tBUSY
tRB
RY/BY#
tVCS
VCC
NOTES: 1.PA=Program Address, PD=Program Data, DOUT is the true data the program address
P/N:PM1185
REV. 1.0, JUN. 30, 2005
27
MX29LV008C T/B
Figure 4. AUTOMATIC PROGRAMMING ALGORITHM FLOWCHART
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data A0H Address 555H
Write Program Data/Address
Increment Address
Data Poll from system
No Verify Word Ok ?
YES
No Last Address ?
YES
Auto Program Completed
P/N:PM1185
REV. 1.0, JUN. 30, 2005
28
MX29LV008C T/B
Figure 5. CE# CONTROLLED PROGRAM TIMING WAVEFORM
555 for program 2AA for erase
PA for program SA for sector erase 555 for chip erase
Data# Polling Address
tWC tWH tAS tAH
PA
WE#
tGHEL
OE#
tCP tWHWH1 or 2
CE#
tWS tDS tDH
tCPH tBUSY
Q7 DOUT Data
tRH A0 for program 55 for erase PD for program 30 for sector erase 10 for chip erase
RESET#
RY/BY#
NOTES: 1.PA=Program Address, PD=Program Data, DOUT=Data Out, Q7=complement of data written to device. 2.Figure indicates the last two bus cycles of the command sequence.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
29
MX29LV008C T/B
AUTOMATIC CHIP ERASE TIMING WAVEFORM
All data in chip are erased. External erase verification is not required because data is verified automatically by internal control circuit. Erasure completion can be verified by Data# Polling and toggle bit checking after automatic erase starts. Device outputs 0 during erasure and 1 after erasure on Q7.(Q6 is for toggle bit; see toggle bit, Data# Polling, timing waveform)
Figure 6. AUTOMATIC CHIP ERASE TIMING WAVEFORM
Erase Command Sequence(last two cycle)
tWC tAS
Read Status Data
Address
2AAh
555h
tAH
VA
VA
CE#
tCH tGHWL
OE#
tWP
tWHWH2
WE#
tCS tDS tDH
tWPH
55h Data
10h
In Progress Complete
tBUSY
tRB
RY/BY#
tVCS
VCC
NOTES: SA=sector address(for Sector Erase), VA=Valid Address for reading status data(see "Write Operation Status").
P/N:PM1185
REV. 1.0, JUN. 30, 2005
30
MX29LV008C T/B
Figure 7. AUTOMATIC CHIP ERASE ALGORITHM FLOWCHART
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 80H Address 555H
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 10H Address 555H
Data Pall from System
NO
Data=FFh ?
YES
Auto Chip Erase Completed
P/N:PM1185
REV. 1.0, JUN. 30, 2005
31
MX29LV008C T/B
AUTOMATIC SECTOR ERASE TIMING WAVEFORM
Sector indicated by A12 to A18 are erased. External erase verify is not required because data are verified automatically by internal control circuit. Erasure completion can be verified by Data# Polling and toggle bit checking after automatic erase starts. Device outputs 0 during erasure and 1 after erasure on Q7.(Q6 is for toggle bit; see toggle bit, Data# Polling, timing waveform)
Figure 8. AUTOMATIC SECTOR ERASE TIMING WAVEFORM
Erase Command Sequence(last two cycle)
tWC tAS
Read Status Data
Address
2AAh
Sector Address 0
tAH
Sector Address 1
Sector Address n
VA
VA
CE#
tCH tGHWL
OE#
tBAL tWHWH2
tWP
WE#
tCS tDS tDH
tWPH
55h Data
30h
30h
30h
In Progress Complete
tBUSY
tRB
RY/BY#
tVCS
VCC
NOTES: SA=sector address(for Sector Erase), VA=Valid Address for reading status data(see "Write Operation Status").
P/N:PM1185
REV. 1.0, JUN. 30, 2005
32
MX29LV008C T/B
Figure 9. AUTOMATIC SECTOR ERASE ALGORITHM FLOWCHART
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 80H Address 555H
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 30H Sector Address
Last Sector to Erase YES Data Poll from System
NO
Data=FFh
NO
YES
Auto Sector Erase Completed
P/N:PM1185
REV. 1.0, JUN. 30, 2005
33
MX29LV008C T/B
Figure 10. ERASE SUSPEND/ERASE RESUME FLOWCHART
START
Write Data B0H
ERASE SUSPEND Toggle Bit checking Q6 not toggled YES Read Array or Program NO
Reading or Programming End YES Write Data 30H
NO
Delay 10ms (note) ERASE RESUME Continue Erase
Another Erase Suspend ? YES
NO
Note: If the system implements an endless erase suspend/resume loop, or the number of erase suspend/resume is exceeded 1024 times, then the 10ms time delay must be put into consideration.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
34
MX29LV008C T/B
Figure 11. SECTOR PROTECT/UNPROTECT TIMING WAVEFORM
VID VIH
RESET#
SA, A6 A1, A0
Valid*
Valid*
Valid*
Sector Protect or Sector Unprotect Data
1us
Verify 40h Status
60h
60h
Sector Protect =150us Sector Unprotect =15ms
CE#
WE#
OE#
Note: When sector protect, A6=0, A1=1, A0=0. When sector unprotect, A6=1, A1=1, A0=0.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
35
MX29LV008C T/B
Figure 12. IN-SYSTEM SECTOR PROTECTION ALGORITHM WITH RESET#=VID
START
PLSCNT=1
RESET#=VID
Wait 1us
First Write Cycle=60H Yes Set up sector address
No
Temporary Sector Unprotect Mode
Write 60H to sector address with A6=0, A1=1, A0=0
Wait 150us
Increment PLSCNT
Verify sector protect : write 40H with A6=0, A1=1, A0=0
Reset PLSCNT=1
Read from sector address No No Data=01H ?
PLSCNT=25?
Yes Device failed
Yes
Protect another sector? No Remove VID from RESET#
Yes
Write reset command
Sector protect complete
P/N:PM1185
REV. 1.0, JUN. 30, 2005
36
MX29LV008C T/B
Figure 13. IN-SYSTEM SECTOR UNPROTECTION ALGORITHM WITH RESET#=VID
START
PLSCNT=1
RESET#=VID
Wait 1us
First Write Cycle=60H ? Yes
No
Temporary Sector Unprotect Mode
All sector protected? Yes Set up first sector address
No
Protect all sectors
Chip unprotect : write 60H with A6=1, A1=1, A0=0
Wait 50ms
Increment PLSCNT
Verify chip unprotect write 40H to sector address with A6=1, A1=1, A0=0
Read from sector address with A6=1, A1=1, A0=0 No No Data=00H ?
PLSCNT=1000?
Set up next sector address
Yes Device failed
Yes
Last sector verified? No Remove VID from RESET#
Yes
Write reset command
Chip unprotect complete
P/N:PM1185
REV. 1.0, JUN. 30, 2005
37
MX29LV008C T/B
Figure 14. TIMING WAVEFORM FOR CHIP UNPROTECTION
A1
12V 5V A9
tVLHT
A6
Verify
12V 5V OE#
tVLHT tWPP 2 tVLHT
WE#
tOESP
CE#
Data
tOE
00H
F0H
A18-A12
Sector Address
Notes: tVLHT (Voltage transition time)=4us min. tWPP1 (Write pulse width for sector protect)=100ns min. tWPP2 (Write pulse width for sector unprotect)=100ns min. tOESP (OE# setup time to WE# active)=4us min.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
38
MX29LV008C T/B
Figure 15. CHIP UNPROTECTION ALGORITHM
START
Protect All Sectors
PLSCNT=1
Set OE#=A9=VID CE#=VIL, A6=1
Activate WE# Pulse
Time Out 50ms
Increment PLSCNT
Set OE#=CE#=VIL A9=VID,A1=1
Set Up First Sector Addr
Read Data from Device No
Increment Sector Addr
Data=00H?
No PLSCNT=1000?
Yes No
Yes Device Failed
All sectors have been verified? Yes Remove VID from A9 Write Reset Command
Chip Unprotect Complete
* It is recommended before unprotect whole chip, all sectors should be protected in advance.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
39
MX29LV008C T/B
WRITE OPERATION STATUS Figure 16. DATA# POLLING ALGORITHM
Start
Read Q7~Q0 Add.=VA(1)
Q7 = Data ?
Yes
No No
Q5 = 1 ?
Yes Read Q7~Q0 Add.=VA
Q7 = Data ? (2) No FAIL
Yes
Pass
NOTE : 1.VA=Valid address for programming 2.Q7 should be re-checked even Q5="1" because Q7 may change simultaneously with Q5.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
40
MX29LV008C T/B
Figure 17. TOGGLE BIT ALGORITHM
Start
Read Q7-Q0
Read Q7-Q0
(Note 1)
Toggle Bit Q6 = Toggle ?
NO
YES
NO Q5= 1?
YES
Read Q7~Q0 Twice
(Note 1,2)
Toggle bit Q6= Toggle?
NO
YES
Program/Erase Operation Not Complete,Write Reset Command
Program/Erase operation Complete
Note:1.Read toggle bit twice to determine whether or not it is toggling. 2. Recheck toggle bit because it may stop toggling as Q5 change to "1".
P/N:PM1185
REV. 1.0, JUN. 30, 2005
41
MX29LV008C T/B
Figure 18. Data# Polling Timings (During Automatic Algorithms)
tRC
Address
VA
tACC tCE
VA
VA
CE#
tCH tOE
OE#
tOEH tDF
WE#
tOH
Q7 Q0-Q6
tBUSY
Complement
Complement
True
Valid Data
High Z
Status Data
Status Data
True
Valid Data
High Z
RY/BY#
NOTES: 1. VA=Valid address. Figure shows are first status cycle after command sequence, last status read cycle, and array data read cycle. 2. CE# must be toggled when DATA# polling.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
42
MX29LV008C T/B
Figure 19. Toggle Bit Timings (During Automatic Algorithms)
tRC
Address
VA
tACC tCE
VA
VA
VA
CE#
tCH tOE
OE#
tOEH tDF
WE#
tOH
Q6/Q2
High Z
Valid Status (first raed)
Valid Status (second read)
Valid Data (stops toggling)
Valid Data
tBUSY
RY/BY#
NOTES: 1. VA=Valid address; not required for Q6. Figure shows first two status cycle after command sequence, last status read cycle, and array data read cycle. 2. CE# must be toggled when toggle bit toggling.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
43
MX29LV008C T/B
Table 11. AC CHARACTERISTICS
Parameter Std tREADY1 Description RESET# PIN Low (During Automatic Algorithms) to Read or Write (See Note) tREADY2 RESET# PIN Low (NOT During Automatic Algorithms) to Read or Write (See Note) tRP tRH tRB RESET# Pulse Width (During Automatic Algorithms) RESET# High Time Before Read(See Note) RY/BY# Recovery Time(to CE#, OE# go low) MIN MIN MIN 500 50 0 ns ns ns MAX 500 ns Test Setup All Speed Options Unit MAX 20 us
Note:Not 100% tested
Figure 20. RESET# TIMING WAVEFORM
RY/BY#
CE#, OE#
tRH
RESET#
tRP tReady2
Reset Timing NOT during Automatic Algorithms
tReady1
RY/BY#
tRB
CE#, OE#
RESET#
tRP
Reset Timing during Automatic Algorithms
P/N:PM1185 REV. 1.0, JUN. 30, 2005
44
MX29LV008C T/B
Table 12. TEMPORARY SECTOR UNPROTECT
Parameter Std. Description tVIDR tRSP Note: Not 100% tested VID Rise and Fall Time (See Note) RESET# Setup Time for Temporary Sector Unprotect Test Setup All Speed Options Unit Min Min 500 4 ns us
Figure 21. TEMPORARY SECTOR UNPROTECT TIMING DIAGRAM
12V
RESET#
0 or Vcc Program or Erase Command Sequence 0 or Vcc tVIDR
tVIDR
CE#
WE#
tRSP
RY/BY#
Figure 22. Q6 vs Q2 for Erase and Erase Suspend Operations
Enter Embedded Erasing Erase Suspend Erase Enter Erase Suspend Program Erase Suspend Program Erase Suspend Read Erase Resume Erase Erase Complete
WE#
Q6
Q2
NOTES: The system can use OE# or CE# to toggle Q2/Q6, Q2 toggles only when read at an address within an erase-suspended
P/N:PM1185
REV. 1.0, JUN. 30, 2005
45
MX29LV008C T/B
Figure 23. TEMPORARY SECTOR UNPROTECT ALGORITHM
Start
RESET# = VID (Note 1) Perform Erase or Program Operation Operation Completed RESET# = VIH Temporary Sector Unprotect Completed(Note 2)
Note : 1. All protected sectors are temporary unprotected. VID=11.5V~12.5V 2. All previously protected sectors are protected again.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
46
MX29LV008C T/B
Figure 24. ID CODE READ TIMING WAVEFORM
VCC
3V VID
ADD A9
VIH VIL
VIH VIL
ADD A0
tACC VIH
tACC
A1
VIL
ADD A2-A8 A10-A19 CE#
VIH VIL
VIH VIL
WE#
VIH VIL
tCE
OE#
VIH VIL
tOE tDF tOH tOH
VIH
DATA Q0-Q7
DATA OUT
VIL
DATA OUT DAH/5BH
C2H
P/N:PM1185
REV. 1.0, JUN. 30, 2005
47
MX29LV008C T/B
RECOMMENDED OPERATING CONDITIONS
At Device Power-Up AC timing illustrated in Figure A is recommended for the supply voltages and the control signals at device power-up. If the timing in the figure is ignored, the device may not operate correctly.
VCC(min)
VCC
GND
tVR tR or tF tACC tR or tF
VIH
ADDRESS
VIL
Valid Address
tF tCE tR
VIH
CE#
VIL
VIH
WE#
VIL
tF
VIH
tOE
tR
OE#
VIL
VIH
WP#/ACC
VIL
VOH
DATA
High Z
VOL
Valid Ouput
Figure A. AC Timing at Device Power-Up
Symbol tVR tR tF
Parameter VCC Rise Time Inptut Signal Rise Time Inptut Signal Fall Time
Notes 1 1,2 1,2
Min. 20
Max. 500000 20 20
Unit us/V us/V us/V
Notes : 1. Sampled, not 100% tested. 2. This specification is applied for not only the device power-up but also the normal operations.
P/N:PM1185
REV. 1.0, JUN. 30, 2005
48
MX29LV008C T/B
ERASE AND PROGRAMMING PERFORMANCE(1)
LIMITS PARAMETER Sector Erase Time Chip Erase Time Byte Programming Time Chip Programming Time Erase/Program Cycles Note: 100,000 MIN. TYP.(2) 0.7 14 9 9 300 27 MAX.(3) 15 UNITS sec sec us sec Cycles
1.Not 100% Tested, Excludes external system level over head. 2.Typical values measured at 25 C, 3V. 3.Maximum values measured at 25 C, 2.7V.
LATCH-UP CHARACTERISTICS
MIN. Input Voltage with respect to GND on all pins except I/O pins Input Voltage with respect to GND on all I/O pins Current Includes all pins except Vcc. Test conditions: Vcc = 3.0V, one pin at a time. -1.0V -1.0V -100mA MAX. 12.5V Vcc + 1.0V +100mA
DATA RETENTION
Parameter Description Test Conditions 150C Data Retention Time 125C 20 Years Min 10 Unit Years
P/N:PM1185
REV. 1.0, JUN. 30, 2005
49
MX29LV008C T/B
ORDERING INFORMATION
PLASTIC PACKAGE PART NO. MX29LV008CTTC-55R MX29LV008CTTC-70 MX29LV008CTTC-90 MX29LV008CBTC-55R MX29LV008CBTC-70 MX29LV008CBTC-90 MX29LV008CTTI-55R MX29LV008CTTI-70 MX29LV008CTTI-90 MX29LV008CBTI-55R MX29LV008CBTI-70 MX29LV008CBTI-90 MX29LV008CTTC-55Q MX29LV008CTTC-70G MX29LV008CTTC-90G MX29LV008CBTC-55Q MX29LV008CBTC-70G MX29LV008CBTC-90G MX29LV008CTTI-55Q MX29LV008CTTI-70G MX29LV008CTTI-90G MX29LV008CBTI-55Q MX29LV008CBTI-70G MX29LV008CBTI-90G ACCESS TIME (ns) 55 70 90 55 70 90 55 70 90 55 70 90 55 70 90 55 70 90 55 70 90 55 70 90 OPERATING Current MAX. (mA) 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 STANDBY Current MAX. (uA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP 40 Pin TSOP Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free PACKAGE Remark
P/N:PM1185
REV. 1.0, JUN. 30, 2005
50
MX29LV008C T/B
PART NAME DESCRIPTION MX 29 LV 008 C T T C 70 G
OPTION: G: Lead-free package R: Restricted VCC (3.0V~3.6V) Q: Restricted VCC (3.0V~3.6V) with Lead-free package SPEED: 55: 55ns 70: 70ns 90: 90ns TEMPERATURE RANGE: C: Commercial (0C to 70C) I: Industrial (-40C to 85C) PACKAGE: T: TSOP BOOT BLOCK TYPE: T: Top Boot B: Bottom Boot
REVISION: C DENSITY & MODE: 008: 8M, x8 Boot Block TYPE: L, LV: 3V DEVICE: 29:Flash
P/N:PM1185
REV. 1.0, JUN. 30, 2005
51
MX29LV008C T/B
PACKAGE INFORMATION
P/N:PM1185
REV. 1.0, JUN. 30, 2005
52
MX29LV008C T/B
REVISION HISTORY
Revision No. Description 1.0 1. Removed "Preliminary" 2. Added "Recommended Operating Conditions" Page P1 P48 Date JUN/30/2005
P/N:PM1185
REV. 1.0, JUN. 30, 2005
53
MX29LV008C T/B
MACRONIX INTERNATIONAL CO., LTD.
Headquarters:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
Europe Office :
TEL:+32-2-456-8020 FAX:+32-2-456-8021
Hong Kong Office :
TEL:+86-755-834-335-79 FAX:+86-755-834-380-78
Japan Office :
Kawasaki Office :
TEL:+81-44-246-9100 FAX:+81-44-246-9105
Osaka Office :
TEL:+81-6-4807-5460 FAX:+81-6-4807-5461
Singapore Office :
TEL:+65-6346-5505 FAX:+65-6348-8096
Taipei Office :
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-262-8887 FAX:+1-408-262-8810
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.


▲Up To Search▲   

 
Price & Availability of MX29LV008CTTI-90G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X